Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search
 

To Download SMCJ120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMCJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
VOLTAGE RANGE FEATURES
* For surface mount application * Built-in strain relief * Excellent clamping capability * Low profile package * Fast response time: Typically less than 1.0ps from 0 volt to BV min. * Typical IR less than 1 A above 10V * High temperature soldering guaranteed: 260 C / 10 seconds at terminals
5.0 to 170 Volts 1500 Watts Peak Power
DO-214AB
.124(3.15) .108(2.75)
.245(6.22) .220(5.59)
.280(7.11) .260(6.60) .012(0.31) .006(0.15) .103(2.62) .079(2.00) .050(1.27) .030(0.76) .008 MAX. (.203) .320(8.13) .305(7.75)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end except Bidirectional * Mounting position: Any * Weight: 0.21 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATINGS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1) Peak Forward Surge Current at 8.3ms Single Half Sine-Wave superimposed on rated load (JEDEC method) (NOTE 3) Maximum Instantenous Forward Voltage at 35.0A for Unidirectional only Operating and Storage Temperature Range
SYMBOL
PPK IFSM VF TJ, TSTG
VALUE
Minimum 1500 100 3.5 -55 to +150
UNITS
Watts Amps Volts C
NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2. 2 2. Mounted on Copper Pad area of 8.0mm (.013mm Thick) to each terminal. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types SMCJ5.0 thru SMCJ170. 2. Electrical characteristics apply in both directions.
RATING AND CHARACTERISTIC CURVES (SMCJ SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
Non-Repetitive Pulse Waveform Shown in Fig. 3 TA=25 C 10 PEAK PULSE POWER(PPP) OR CURRENT(IPP) DERATING IN PERCENTAGE 100 100
FIG.2-PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, KW
75
50
1.0
5.0mm COPPER PAD AREAS
2
25
0.1 0.1ms
0 1.0ms 10ms 100ms 1.0ms 10ms 0 25 50 75 100 125 150 175
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE ( C)
FIG.3-PULSE WAVE FORM
150 IPPM, PEAK PULSE CURRENT, %
Tf=10 s Peak Value IPPM TA=25 C Pulse Width (td) is defined as the point where the Peak Current Deacys to 50% of Ipp 10,000
FIG.4-TYPICAL JUNCTION CAPACITANCE
TJ=25 C f=1.0MHz Vsig=50mVp-p Measued at Zero Bias 2,000
5,000
100
Half Value-IPPM 2
1,000
50
10/1000 sec Waveform as Defined by R.E.A.
CJ, CAPACITANCE, pF
500 Measured at Stand-Off Voltage(VMW)
td
e-kt
0
0
1.0
2.0
3.0
4.0
200
t, TIME, ms
100
FIG.5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100 80 TJ=TJmax 8.3ms Single Half Sine-wave JEDEC Method
50
20
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
60
10 1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOL TS
40
20
10
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
1500 Watt Surface Mount TVS
PART NUMBER REVERSE BREAKDOWN BREAKDOWN TEST ADD C FOR BI- STAND-OFF VOLTAGE VOLTAGE CURRENT DIRECTIONAL VOLTAGE VBR (V) VBR (V) IT See Note 1 VRWM (V) MIN. @IT MAX. @IT (mA) SMCJ5.0(C) 5.0 6.40 7.55 10 SMCJ5.0(C)A 5.0 6.40 7.25 10 SMCJ6.0(C) 6.0 6.67 8.45 10 SMCJ6.0(C)A 6.0 6.67 7.67 10 SMCJ6.5(C) 6.5 7.22 9.14 10 SMCJ6.5(C)A 6.5 7.22 8.30 10 SMCJ7.0(C) 7.0 7.78 9.86 10 SMCJ7.0(C)A 7.0 7.78 8.95 10 SMCJ7.5(C) 7.5 8.33 10.67 1 SMCJ5.0(C)A 7.5 8.33 9.58 1 SMCJ8.0(C) 8.0 8.89 11.30 1 SMCJ8.0(C)A 8.0 8.89 10.23 1 SMCJ8.5(C) 8.5 9.44 11.92 1 SMCJ8.5(C)A 8.5 9.44 10.82 1 SMCJ9.0(C) 9.0 10.0 12.60 1 SMCJ9.0(C)A 9.0 10.0 11.50 1 SMCJ10(C) 10 11.1 14.10 1 SMCJ10(C)A 10 11.1 12.80 1 SMCJ11(C) 11 12.2 15.40 1 SMCJ11(C)A 11 12.2 14.00 1 SMCJ12(C) 12 13.3 16.90 1 SMCJ12(C)A 12 13.3 15.30 1 SMCJ13(C) 13 14.4 18.20 1 SMCJ13(C)A 13 14.4 16.50 1 SMCJ14(C) 14 15.6 19.80 1 SMCJ14(C)A 14 15.6 17.90 1 SMCJ15(C) 15 16.7 21.10 1 SMCJ15(C)A 15 16.7 19.20 1 SMCJ16(C) 16 17.8 22.60 1 SMCJ16(C)A 16 17.8 20.50 1 SMCJ17(C) 17 18.9 23.90 1 SMCJ17(C)A 17 18.9 21.70 1 SMCJ18(C) 18 20.0 25.30 1 SMCJ18(C)A 18 20.0 23.30 1 SMCJ20(C) 20 22.2 28.10 1 SMCJ20(C)A 20 22.2 25.50 1 SMCJ22(C) 22 24.4 30.90 1 SMCJ22(C)A 22 24.4 28.00 1 SMCJ24(C) 24 26.7 33.80 1 SMCJ24(C)A 24 26.7 30.70 1 SMCJ26(C) 26 28.9 36.60 1 SMCJ26(C)A 26 28.9 33.20 1 SMCJ28(C) 28 31.1 39.40 1 SMCJ28(C)A 28 31.1 35.80 1 SMCJ30(C) 30 33.3 42.20 1 SMCJ30(C)A 30 33.3 38.30 1 SMCJ33(C) 33 36.7 46.50 1 SMBJ33(C)A 33 36.7 42.20 1 SMCJ36(C) 36 40.0 50.70 1 SMCJ36(C)A 36 40.0 46.00 1 SMCJ40(C) 40 44.4 56.30 1 SMCJ40(C)A 40 44.4 51.10 1 SMCJ43(C) 43 47.8 60.50 1 SMCJ43(C)A 43 47.8 54.90 1 SMCJ45(C) 45 50.0 63.30 1 SMCJ45(C)A 45 50.0 57.50 1 SMCJ48(C) 48 53.3 67.50 1 SMCJ48(C)A 48 53.3 61.30 1 SMCJ51(C) 51 56.7 71.80 1 SMCJ51(C)A 51 56.7 65.20 1 SMCJ54(C) 54 60.0 76.00 1 SMCJ54(C)A 54 60.0 69.00 1 SMCJ58(C) 58 64.4 81.60 1 SMCJ58(C)A 58 64.4 74.10 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6
PEAK REVERSE MARKING PULSE LEAKAGE CODE CURRENT @ VRWM Ipp (A) IR( A) UNI BI 156.2 1000 GDD BDD 163.0 1000 GDE BDE 131.6 1000 GDF BDF 145.6 1000 GDG BDG 122.0 500 GDH BDH 133.9 500 GDK BDK 112.8 200 GDL BDL 125.0 200 GDM BDM 104.9 100 GDN BDN 116.3 100 GDP BDP 100.0 50 GDQ BDQ 110.3 50 GDR BDR 94.3 25 GDS BDS 104.2 20 GDT BDT 88.7 10 GDU BDU 97.4 10 GDV BDV 79.8 5 GDW BDW 88.2 5 GDX BDX 74.6 5 GDY BDY 82.4 5 GDZ BDZ 68.2 5 GED BED 75.3 5 GEE BEE 63.0 5 GEF BEF 69.7 5 GEG BEG 58.1 5 GEH BEH 64.7 5 GEK BEK 55.8 5 GEL BEL 61.5 5 GEM BEM 52.1 5 GEN BEN 57.7 5 GEP BEP 49.2 5 GEQ BEQ 53.3 5 GER BER 46.6 5 GES BES 51.4 5 GET BET 41.9 5 GEU BEU 46.3 5 GEV BEV 38.1 5 GEW BEW 42.2 5 GEX BEX 34.9 5 GEY BEY 38.6 5 GEZ BEZ 32.2 5 GFD BFD 35.6 5 GFE BFE 30.0 5 GFF BFF 33.0 5 GFG BFG 28.0 5 GFH BFH 31.0 5 GFK BFK 25.2 5 GFL BFL 28.1 5 GFM BFM 23.3 5 GFN BFN 25.8 5 GFP BFP 21.0 5 GFQ BFQ 23.2 5 GFR BFR 19.6 5 GFS BFS 21.6 5 GFT BFT 18.7 5 GFU BFU 20.6 5 GFV BFV 17.5 5 GFW BFW 19.4 5 GFX BFX 16.5 5 GFY BFY 18.2 5 GFZ BFZ 15.6 5 GGD BGD 17.2 5 GGE BGE 14.6 5 GGF BGF 16.0 5 GGG BGG
1500 Watt Surface Mount TVS
PART NUMBER REVERSE BREAKDOWN BREAKDOWN TEST ADD C FOR BI- STAND-OFF VOLTAGE VOLTAGE CURRENT DIRECTIONAL VOLTAGE VBR (V) VBR (V) IT See Note 1 VRWM (V) MIN. @IT MAX. @IT (mA)
SMCJ60(C) SMCJ60(C)A SMCJ64(C) SMCJ64(C)A SMCJ70(C) SMCJ70(C)A SMCJ75(C) SMCJ75(C)A SMCJ78(C) SMCJ78(C)A SMCJ85(C) SMCJ85(C)A SMCJ90(C) SMCJ90(C)A SMCJ100(C) SMCJ100(C)A SMCJ110(C) SMCJ110(C)A SMCJ120(C) SMCJ120(C)A SMCJ130(C) SMCJ130(C)A SMCJ150(C) SMCJ150(C)A SMCJ160(C) SMCJ160(C)A SMCJ170(C) SMCJ170(C)A 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 160 170 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 84.5 76.7 90.1 81.8 98.6 89.5 105.7 95.8 109.8 99.7 119.2 108.2 126.5 115.5 141.0 128.0 154.5 140.5 169.0 153.0 182.5 165.5 211.5 192.5 226.0 205.0 239.5 217.5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V)
107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR( A)
14.0 15.5 13.2 14.6 12.0 13.3 11.2 12.4 10.8 11.4 9.9 10.4 9.4 10.3 8.4 9.3 7.7 8.4 7.0 7.9 6.5 7.2 5.6 6.2 5.2 5.8 4.9 5.5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
MARKING CODE UNI
GGH GGK GGL GGM GGN GGP GGQ GGR GGS GGT GGU GGV GGW GGX GGY GGZ GHD GHE GHF GHG GHH GHK GHL GHM GHN GHP GHQ GHR
BI
BGH BGK BGL BGM BGN BGP BGQ BGR BGS BGT BGU BGV BGW BGX BGY BGZ BHD BHE BHF BHG BHH BHK BHL BHM BHN BHP BHQ BHR


▲Up To Search▲   

 
Price & Availability of SMCJ120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X